Part Number Hot Search : 
70N1T MSK50 BRS340 NBSG14 LX901 40600 18P25 AZ23C3V9
Product Description
Full Text Search
 

To Download 74LCX16500 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74LCX16500 Low Voltage 18-Bit Universal Bus Transceivers with 5V Tolerant Inputs and Outputs
March 1995 Revised June 2002
74LCX16500 Low Voltage 18-Bit Universal Bus Transceivers with 5V Tolerant Inputs and Outputs
General Description
These 18-bit universal bus transceivers combine D-type latches and D-type flip-flops to allow data flow in transparent, latched, and clocked modes. Data flow in each direction is controlled by output-enable (OEAB and OEBA), latch-enable (LEAB and LEBA), and clock (CLKAB and CLKBA) inputs. The LCX16500 is designed for low voltage (2.5V or 3.3V) VCC applications with the capability of interfacing to a 5V signal environment. The LCX16500 is fabricated with an advanced CMOS technology to achieve high speed operation while maintaining CMOS low power.
Features
s 5V tolerant inputs and outputs s 2.3V-3.6V VCC specifications provided s 6.0 ns tPD max (VCC = 3.3V), 20 A ICC max s Power down high impedance inputs and outputs s Supports live insertion/withdrawal (Note 1) s 24 mA output drive (VCC = 3.0V) s Uses patented noise/EMI reduction circuitry s Latch-up performance exceeds 500 mA s ESD performance: Human body model > 2000V Machine model > 200V s Also packaged in plastic Fine-Pitch Ball Grid Array (FBGA)
Note 1: To ensure the high-impedance state during power up or down, OE should be tied to VCC and OE tied to GND through a resistor: the minimum value or the resistor is determined by the current-sourcing capability of the driver.
Ordering Code:
Order Number 74LCX16500G (Note 2)(Note 3) 74LCX16500MEA (Note 3) 74LCX16500MTD (Note 3) Package Number BGA54A MS56A MTD56 Package Description 54-Ball Fine-Pitch Ball Grid Array (FBGA), JEDEC MO-205, 5.5mm Wide 56-Lead Shrink Small Outline Package (SSOP), JEDEC MO-118, 0.300" Wide 56-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide
Note 2: Ordering code "G" indicates Trays. Note 3: Devices also available in Tape and Reel. Specify by appending suffix letter "X" to the ordering code.
(c) 2002 Fairchild Semiconductor Corporation
DS012407
www.fairchildsemi.com
74LCX16500
Connection Diagrams
Pin Assignment for SSOP and TSSOP
Pin Descriptions
Pin Names A1 - A18 B1 - B18 LEAB, LEBA OEBA, OEBA Description Data Register A Inputs/3-STATE Outputs Data Register B Inputs/3-STATE Outputs Latch Enable Inputs Output Enable Inputs
CLKAB, CLKBA Clock Pulse Inputs
FBGA Pin Assignments
1 A B C D E F G H J A2 A4 A6 A8 A10 A12 A14 A16 A17 2 A1 A3 A5 A7 A9 A11 A13 A15 A18 3 OEAB 4 GND 5 B1 B3 B5 B7 B9 B11 B13 B15 B18 6 B2 B4 B6 B8 B10 B12 B14 B16 B17
LEAB CLKAB VCC GND GND GND VCC LEBA VCC GND GND GND VCC GND
OEBA CLKBA
Truth Table (Note 4)
Inputs OEAB L H H H Pin Assignment for FBGA H H H LEAB X H H L L L L CLKAB X X X An X L H L H X X Output Bn Z L H L H B0 (Note 5) B0 (Note 6)

H L
Note 4: A-to-B data flow is shown: B-to-A flow is similar but uses OEBA, LEBA, and CLKBA. Note 5: Output level before the indicated steady-state input conditions were established. Note 6: Output level before the indicated steady-state input conditions were established, provided that CLKAB was LOW before LEAB went LOW.
Functional Description
For A-to-B data flow, the LCX16500 operates in the transparent mode when LEAB is HIGH. When LEAB is LOW, the A data is latched if CLKAB is held at a HIGH or LOW logic level. If LEAB is LOW, the A bus data is stored in the latch/flip-flop on the HIGH-to-LOW transition of CLKAB. Output-enable OEAB is active-HIGH. When OEAB is HIGH, the outputs are active. When OEAB is LOW, the outputs are in the high impedance state. Data flow for B to A is similar to that of A to B but uses OEBA, LEBA, and CLKBA. The output enables are complementary (OEAB is active HIGH and OEBA is active LOW).
(Top Thru View)
www.fairchildsemi.com
2
74LCX16500
Logic Diagram
3
www.fairchildsemi.com
74LCX16500
Absolute Maximum Ratings(Note 7)
Symbol VCC VI VO IIK IOK IO ICC IGND TSTG Parameter Supply Voltage DC Input Voltage DC Output Voltage DC Input Diode Current DC Output Diode Current DC Output Source/Sink Current DC Supply Current per Supply Pin DC Ground Current per Ground Pin Storage Temperature Value Conditions Units V V Output in 3-STATE Output in HIGH or LOW State (Note 8) VI < GND VO < GND VO > VCC V mA mA mA mA mA
-0.5 to +7.0 -0.5 to +7.0 -0.5 to +7.0 -0.5 to VCC + 0.5 -50 -50 +50 50 100 100 -65 to +150
C
Recommended Operating Conditions
(Note 9) Symbol VCC VI VO IOH/IOL Supply Voltage Input Voltage Output Voltage Output Current HIGH or LOW State 3-STATE VCC = 3.0V - 3.6V VCC = 2.7V - 3.0V VCC = 2.3V - 2.7V TA Free-Air Operating Temperature Input Edge Rate, VIN = 0.8V-2.0V, VCC = 3.0V Parameter Operating Data Retention Min 2.0 1.5 0 0 0 Max 3.6 3.6 5.5 VCC 5.5 Units V V V
24 12 8 -40
0 85 10 mA
C
ns/V
t/V
Note 7: The Absolute Maximum Ratings are those values beyond which the safety of the device cannot be guaranteed. The device should not be operated at these limits. The parametric values defined in the Electrical Characteristics tables are not guaranteed at the Absolute Maximum Ratings. The "Recommended Operating Conditions" table will define the conditions for actual device operation. Note 8: IO Absolute Maximum Rating must be observed. Note 9: Unused (inputs or I/O's) must be held HIGH or LOW. They may not float.
DC Electrical Characteristics
Symbol VIH VIL VOH Parameter HIGH Level Input Voltage LOW Level Input Voltage HIGH Level Output Voltage IOH = -100 A IOH = -8 mA IOH = -12 mA IOH = -18 mA IOH = -24 mA VOL LOW Level Output Voltage IOL = 100 A IOL = 8 mA IOL = 12 mA IOL = 16 mA IOL = 24 mA II IOZ IOFF Input Leakage Current 3-STATE I/O Leakage Power-Off Leakage Current 0 VI 5.5V 0 VO 5.5V VI = VIH or VIL VI or VO = 5.5V Conditions VCC (V) 2.3 - 2.7 2.7 - 3.6 2.3 - 2.7 2.7 - 3.6 2.3 - 3.6 2.3 2.7 3.0 3.0 2.3 - 3.6 2.3 2.7 3.0 3.0 2.3 - 3.6 2.3 - 3.6 0 VCC - 0.2 1.8 2.2 2.4 2.2 0.2 0.6 0.4 0.4 0.55 5.0 5.0 10 A A A V V TA = -40C to +85C Min 1.7 2.0 0.7 0.8 Max Units V V
www.fairchildsemi.com
4
74LCX16500
DC Electrical Characteristics
Symbol ICC ICC Parameter Quiescent Supply Current Increase in ICC per Input
(Continued)
VCC (V) 2.3 - 3.6 2.3 - 3.6 2.3 - 3.6 TA = -40C to +85C Min Max 20 20 500 A A
Conditions VI = V CC or GND 3.6V VI, VO 5.5V (Note 10) VIH = VCC -0.6V
Units
Note 10: Outputs disabled or 3-STATE only.
AC Electrical Characteristics
TA = -40C to +85C, RL = 500 Symbol Parameter VCC = 3.3V 0.3V CL = 50 pF Min fMAX tPHL tPLH tPHL tPLH tPHL tPLH tPZL tPZH tPLZ tPHZ tS tH tW tOSHL tOSLH Setup Time Hold Time Pulse Width Output to Output Skew (Note 11) Output Disable Time Maximum Clock Frequency Propagation Delay Bus to Bus Propagation Delay Clock to Bus Propagation Delay LE to Bus Output Enable Time 170 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 2.5 1.5 3.0 1.0 1.0 6.0 6.0 6.7 6.7 7.0 7.0 7.2 7.2 7.0 7.0 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 2.5 1.5 3.0 7.0 7.0 8.0 8.0 8.0 8.0 8.2 8.2 8.0 8.0 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 3.0 2.0 3.5 7.2 7.2 8.4 8.4 8.4 8.4 9.4 9.4 8.4 8.4 Max VCC = 2.7V CL = 50 pF Min Max VCC = 2.5V 0.2V CL = 30 pF Min Max MHz ns ns ns ns ns ns ns ns ns Units
Note 11: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL), or LOW-to-HIGH (tOSLH).
Dynamic Switching Characteristics
Symbol VOLP VOLV Parameter Quiet Output Dynamic Peak VOL Quiet Output Dynamic Valley VOL Conditions CL = 50 pF, VIH = 3.3V, VIL = 0V CL = 30 pF, VIH =2.5V, VIL = 0V CL = 50 pF, VIH = 3.3V, VIL = 0V CL = 30 pF, VIH =2.5V, VIL = 0V VCC (V) 3.3 2.5 3.3 2.5 TA = 25C Typical 0.8 0.6 -0.8 -0.6 Units V V
Capacitance
Symbol CIN CI/O CPD Input Capacitance Input/Output Capacitance Power Dissipation Capacitance Parameter Conditions VCC = Open, VI = 0V or VCC VCC = 3.3V, VI = 0V or VCC VCC = 3.3V, VI = 0V or VCC, f = 10 MHz Typical 7 8 20 Units pF pF pF
5
www.fairchildsemi.com
74LCX16500
AC LOADING and WAVEFORMS Generic for LCX Family
FIGURE 1. AC Test Circuit (CL includes probe and jig capacitance) Test tPLH, tPHL tPZL, tPLZ tPZH,tPHZ Switch Open 6V at VCC = 3.3 0.3V, and 2.7V VCC x 2 at VCC = 2.5 0.2V GND
Waveform for Inverting and Non-Inverting Functions
3-STATE Output High Enable and Disable Times for Logic
Propagation Delay. Pulse Width and trec Waveforms
Setup Time, Hold Time and Recovery Time for Logic
3-STATE Output Low Enable and Disable Times for Logic FIGURE 2. Waveforms (Input Characteristics; f =1MHz, tr = tf = 3ns) Symbol Vmi Vmo Vx Vy VCC 3.3V 0.3V 1.5V 1.5V VOL + 0.3V VOH - 0.3V 2.7V 1.5V 1.5V VOL + 0.3V VOH - 0.3V
trise and tfall
2.5V 0.2V VCC/2 VCC/2 VOL + 0.15V VOH - 0.15V
www.fairchildsemi.com
6
74LCX16500
Schematic Diagram Generic for LCX Family
7
www.fairchildsemi.com
74LCX16500
Physical Dimensions inches (millimeters) unless otherwise noted
54-Ball Fine-Pitch Ball Grid Array (FBGA), JEDEC MO-205, 5.5mm Wide Package Number BGA54A
www.fairchildsemi.com
8
74LCX16500
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
56-Lead Shrink Small Outline Package (SSOP), JEDEC MO-118, 0.300" Wide Package Number MS56A
9
www.fairchildsemi.com
74LCX16500 Low Voltage 18-Bit Universal Bus Transceivers with 5V Tolerant Inputs and Outputs
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
56-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide Package Number MTD56
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. www.fairchildsemi.com 10 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of 74LCX16500

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X